Electronic Components Datasheet Search
  English  ▼

X  

LO E6SF-ABCB-24-1 Datasheet (PDF) - ams-OSRAM AG

LO E6SF-ABCB-24-1 Datasheet PDF - ams-OSRAM AG
Part # LO E6SF-ABCB-24-1
Download  LO E6SF-ABCB-24-1 Download
File Size   1821.63 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Power TOPLED®

LO E6SF-ABCB-24-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
LO E6SF-ABCB-24-1 Datasheet PDF - ams-OSRAM AG

Part # LO E6SF-ABCB-24-1
Download  LO E6SF-ABCB-24-1 Click to download

File Size   1821.63 Kbytes
Page   23 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Power TOPLED®

LO E6SF-ABCB-24-1 Datasheet (HTML) - ams-OSRAM AG


LO E6SF-ABCB-24-1 Product details

Applications
- Ambient Lighting
- Automotive Aftermarket
- Functional Illumination
Features
- Package: white PLCC-4 package, colorless clear silicone resin
- Chip technology: Thinfilm
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 606 nm (● orange)
- Corrosion Robustness Class: 1B
- Qualifications: The product qualification test plan is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade Discrete Semiconductors.
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LO E6SF-ABCB-24-1

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LO E63B-DAEB-24-1 AMSOSRAM-LO E63B-DAEB-24-1 Datasheet
1Mb / 24P
Power TOPLED® Lens
2022-09-01
LO E67B-U2AA-24-1 AMSOSRAM-LO E67B-U2AA-24-1 Datasheet
1Mb / 23P
Power TOPLED®
2022-09-01
LO E67F-BADA-24-1 AMSOSRAM-LO E67F-BADA-24-1 Datasheet
1Mb / 23P
Power TOPLED®
2022-09-01
More results


Similar Description - LO E6SF-ABCB-24-1

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LAE67B OSRAM-LAE67B_13 Datasheet
440Kb / 19P
Power TOPLED
LAETSF OSRAM-LAETSF Datasheet
612Kb / 21P
Power TOPLED
logo
ams AG
LAT776 AMSCO-LAT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-22
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
SFH4257 AMSCO-SFH4257 Datasheet
760Kb / 17P
TOPLED® Black High Power Infrared Emitter (850 nm)
Version 1.7 2021-10-14
LOT776 AMSCO-LOT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LST776 AMSCO-LST776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-15
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LYT776 AMSCO-LYT776 Datasheet
1Mb / 22P
TOPLED® Reverse Gullwing
Version 1.2 2019-07-16
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com